Part Number Hot Search : 
16N50 MC34081D 1SS420PT TLP62007 SUB610 ADM3488E MC162 140A0
Product Description
Full Text Search
 

To Download PCB-MDRIVER-P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.roithner - laser.com 1 pcb - mdriver - p r e v 1.0 06 . 06 .201 6 description pcb - m driver - p driver is designed as power supply of mid - ir leds. it provides p ulse mode operation with fixed signal data parameters . a dditional that unit provides a synchronization output for synchronization with an external device. features ? p ulse mode operation ( for maximum p eak optical power ) ? fixed signal data parameters, as amplitude, repetition rate and pulse duration for easy handling. ? synchronization out put , for possible synchronization with an external device ( pcb - sdetect - 3p synchronous detector , for example) main characteristics adjustable parameters parameter symbol values min. typ. max. unit input voltage (stabilized) v supply 5 6 v voltage tolerance - 5 +5 % power consumption p 4 w input current i supply a board dimensions 24 x 12 x 8 mm parameter symbol pulse mode unit pulse duration t p 5 s frequency f 2 khz output current amplitude i out 2 a
www.roithner - laser.com 2 driver layout front gnd (black) + 5 .. 6 vdc (yellow) back 1. led connection contacts 2. power input contact (+5 vdc) * 3. synchronization output contact * * power input and synchronization output contacts have common gnd wire (black). driver block diagram 3 1 + - 2 1 - +
www.roithner - laser.com 3 operating mode description pcb - m driver - p driver works in a p ulse mode. this mode provides led maximum p eak optical power . led current , pulse duration and frequency are fixed to 2 a, 5 s and 2 k hz . p ulse mode current - time relation operating instruction 1. securely solder the appropriate pins of the led with led connection contacts (1). note! contact marked with led + must be connected to the appropriate pin of an led (marked with a red dot). improper connection may cause led damage. note! led case must be electrically isolated from the ground. 2. if you use pcb - sdetect - 3p synchronous detector , connect the pcb - mdriver - p s synchronization output contacts (2) with synchronization input terminal block. 3. if necessary, make all the connections of other boards (synch ronous detector, thermocontroller etc.) following the appropriate instructions manuals. before turning them on check the required connections and modes: synchronous detector : thermocontroller : ? p hotodiode input connection ? p reamplifier power output connection ? a veraging time and signal gain selection ? external s ignal observing device connection ? thermistor / pcb - driver - 51 temperature observation block input connection ? thermocooler output connection ? external connections (if necessary) 4. connect 5v stabilised power supply to the power input (3). synchronisation output c ontacts synchronisation input terminal block pcb - mdrive - p pcb - sdetect - 3p
www.roithner - laser.com 4 precautions ? only t urn on the power supply of the led driver after all connections are made and tested. ? mount or dismount the led driver in power - off state only, otherwise it can lead to breakdown. ? ingress protection rating of the led driver is ip00, so please assure the protection of the driver. ? do not use multimeter to control and adjust current. operation : indoor operation only . ingress protection rating ip00. ? all rights reserved the above specifications are for reference purpose only and subjected to change without prior notice


▲Up To Search▲   

 
Price & Availability of PCB-MDRIVER-P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X